|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Data Sheet No. PD 96952A IRIS-W6754 Features * 6-pin SIP type full molded package, optimum IC for low-height SMPS, distance between high and low voltage pins is 1.8 mm with pin elimination. * Oscillator is provided on the monolithic control with adopting On-Chip Trimming Technology * Small temperature characteristics variation by adopting a comparator to compensate for temperature on the control part. * Low start-up circuit current (100uA max) *Avalanche energy guaranteed MOSFET with high VDSS The built-in power MOSFET simplifies the surge absorption circuit since the MOSFET guarantees the avalanche energy. No VDSS de-rating is required. * Built-in constant voltage drive circuit * Built-in step drive circuit * Built-in low frequency PWM mode (22 kHz) * UVLO Burst Standby TO-220 Fullpack (7 Lead modified) * Two operational modes by auto switching functions according to load For middle~heavy load operation : QR mode For light~middle load operation : 1 Bottom Skip mode Key Specifications * Various kinds of protection functions MOSFET RDS(ON) Pout(W) Pulse-by-Pulse Overcurrent Protection (OCP) T ype VDSS(V) MAX AC input(V) Note 1 Overvoltage Protection with Latch mode (OVP) 230 15% 160 Overload Protection with Latch mode (OLP) IRIS-W6754 650 85 to 264 100 The maximum limit of on-time 0.96 INTEGRATED SWITCHER Package Outline Description IRIS-W6754 is a hybrid IC consisting of a power MOSFET and a controller IC, designed for Quasi-Resonant (including low frequency PWM) fly-back converter type SMPS (Switching Mode Power Supply) applications. This IC realizes high efficiency, low noise, downsizing and standardizing of a power supply system reducing external component count and simplifying the circuit design. Typical Connection Diagram IRIS-W6754 O CP / BD FB SS / O LP Vcc S/ G ND D Note 1: The Pout (W) represents the thermal rating at Quasi-Resonant operation, and the peak power output is obtained by approximating 120 to 140 % of the above listed value. When the output voltage is low, and the ON-duty is narrow, the Pout (W) shall become lower than that of the above. www.irf.com IRIS-W6754 Absolute Maximum Ratings (Ta=25C) Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are absolute voltages referenced to terminals stated, all currents are defined positive into any lead. The thermal resistance and power dissipation ratings are measured under board mounted and still air conditions. Terminal s Max. Ratings 1-3 15 1-3 1-3 4-3 5-3 6- 3 6- 3 7- 3 1-3 4-3 15 292 35 -0.5 ~ 6.0 10 -0.5 ~ 9.0 -1.5 ~ 5.0 28.0 1.1 0.8 -20 ~ +115 -20 ~ +115 -40 ~ +125 150 Symbol Definition IDpeak Drain Current * 1 IDMAX EAS Vcc VSSOLP IFB VFB VOCPBD P D1 PD2 TF Top Tstg Tch Maximum switching current *2 Single pulse avalanche energy *3 Input voltage for control part SS/OLP pin voltage FB pin inflow current FB pin voltage O.C.P/F.B pin voltage Power dissipation of MOSFET *4 Power dissipation for control part (MIC) Internal frame temperature in operation Operating ambient temperature Storage temperature Channel temperature Units A A mJ V V mA V V W W Note Single Pulse Ta=-20~+125 Single Pulse VDD=99V,L=20mH ILpeak=5.1A within the limits of IFB With infinite heatsink Without heatsink Specified by Vcc x Icc Refer to recommended operating temperature *1 Refer to MOS FET A.S.O. curve *2 Maximum switching current The maximum switching current is the Drain current determined by the drive voltage of the IC and threshold voltage (Vth) of the MOS FET. *3 Refer to MOS FET Tch-EAS curve *4 Refer to MOS FET Ta-PD1 curve www.irf.com IRIS-W6754 Electrical Characteristics (for Control IC) Electrical characteristics for control part (Ta=25, Vin=20V,unless otherwise specified) Ratings Symbol Definition Terminals MIN Power Supply Start-up Operation TYP MAX Units Note VCC(ON) VCC(OFF) ICC(ON) ICC(OFF) fosc VSSOLP(SS) ISSOLP(SS) Operation Start Voltage Operation Stop Voltage Circuit Current in Operation Circuit Current in Non-Operation Oscillation Frequency Soft Start Operation Stop Voltage Soft Start Operation Charging Current 4-3 4-3 4-3 4-3 1-3 5-3 5-3 16.3 8.8 19 1.1 -710 18.2 9.7 22 1.2 -550 19.9 10.6 6 100 25 1.4 -390 V V mA A kHz V A Vcc=019.9V Vcc=19.98.8 V Vcc=15V - Normal Operation VOCPBD(BS1) VOCPBD(BS2) VOCPBD(LIM) IOCPBD VOCPBD(TH1) VOCPBD(TH2) VFB(OFF) IFB(ON) Bottom-Skip Operation Threshold Voltage1 Bottom-Skip Operation Threshold Voltage2 Overcurrent Detection Threshold Voltage OCP/BD Pin Outflow Current Quasi-Resonant Operation Threshold Voltage 1 Quasi-Resonant Operation Threshold Voltage 2 FB Pin Threshold Voltage FB Pin Inflow Current (Normal Operation) 7-3 7-3 7-3 7-3 7-3 7-3 6-3 6-3 -0.72 -0.485 -0.995 -250 0.28 0.67 1.32 600 -0.665 -0.435 -0.94 -100 0.4 0.8 1.45 1000 -0.605 -0.385 -0.895 -40 0.52 0.93 1.58 1400 V V V A V V V A - www.irf.com IRIS-W6754 Electrical Characteristics (for Control IC), Contd. Stand-by Operation VCC(S) VCC(SK) ICC(S) IFB(S) VFB(S) TON(MIN) Stand-by Operation Start Voltage Stand-by Operation Start Voltage Interval Stand-by Non-Operation Circuit Current FB Pin Inflow Current (Stand-by) Stand-by Operation FB Pin Threshold Voltage Minimum ON Time 4-3 4-3 4-3 6-3 10.3 1.1 - 11.1 1.35 20 4 12.1 1.65 56 14 V V A A Vcc=012.2V Vcc=10.2V Vcc=10.2V 6-3 1-3 0.55 0.5 1.1 0.8 1.5 1.1 V Sec Vcc=12.2V - Protection Operation TON(MAX) VSSOLP(OLP) ISSOLP(OLP) VCC(OVP) ICC(H) VCC(La.OFF) Maximum ON Time OLP Operation Threshold Voltage OLP Operation Charging Current OVP Operation Voltage Latch Circuit Holding Current *5 1-3 5-3 5-3 4-3 4-3 4-3 27.5 4 -16 25.5 -6 32.5 4.9 -11 27.7 45 7.2 39 5.8 -6 29.9 140 8.5 Sec V A V Vcc=029.9V Vcc=29.9 VCC(OFF)-0.3V Vcc=29.96V A V Latch Circuit Release Voltage *5 *5 The latch circuit means a circuit operated O.V.P and O.L.P. *6 The current ratings are based on those of the IC , and plus(+) represents sink and minas(-) represents source. www.irf.com IRIS-W6754 Electrical characteristics for MOSFET (Ta=25 deg C) Ratings Symbol VDSS IDSS RDS(ON) tf ch-F Definition Drain-to-Source breakdown voltage Drain leakage current On-resistance Switching time Thermal resistance Terminals 1-3 1-3 1-3 1-3 MIN 650 TYP MAX 300 0.96 400 1.6 Units V A nSec /W Note ID=300A VDS=650V ID=1.9A Between channel and internal frame IRIS-W6754 A.S.O. temperature derating coefficient curve IRIS-W6754 MOS FET A.S.O. curve 100 Drain current limit by ON resistance Ta=25C Single Pulse 100 A.S.O. temperature derating coefficient[%] 80 Drain Current ID[A] 10 0.1ms 60 1ms 40 1 20 0 0 20 40 60 80 100 120 0.1 10 100 Drain-to-Source Voltage VDS[V] 1000 Internal frame temperature TF] [ www.irf.com IRIS-W6754 IRIS-W6754 MOSFET Ta-PD1 Curve 30 PD1=28[W] IRIS-W6754 Avalanche energy derating curve 100 25 EAS temperature derating coefficient [%] 80 Power dissipation PD1[W] 20 With infinite heatsink 60 15 40 10 5 PD1=1.1[W] Without heatsink 20 0 0 20 40 60 80 100 120 140 160 Ambient temperature Ta[] 0 25 50 75 100 125 ] 150 Channel temperature Tch [ IRIS-W6754 Transient thermal resistance curve 10 Transient thermal resistance ch-c [/W] 1 0.1 0.01 0.001 1 10 100 1m 10m 100m Time [sec] www.irf.com IRIS-W6754 Block Diagram VCC Reg& Iconst Burst Control Protection latch R Q S DRIVE Reg D Delay OVP Start Stop Burst S/GND FB RQ S Q OSC MaxON FB S R OCP BSD OLP Soft Start BD Bottom Selector Counter OCP/BD SS/OLP Pin Designation Pin Assignments Pin No. 1 3 Symbols D S/GND VCC SS/OLP Descriptions Drain pin Source /Ground pin Power supply pin Delay at Overload /Soft Start set up Pin Feedback pin Overcurrent Protection Input / Bottom Detection Pin Functions MOSFET drain MOSFET Source / Ground Input of power supply for control circuit Overload Protection and Soft Start Operation Time set up Constant Voltage Control Signal Input, Burst(intermittent) mode Oscillation Control Overcurrent Detection Signal Input /Bottom Detection Signal Input IRIS 4 5 D S/GND Vcc SS/OLP FB OCP/BD 1 34567 6 FB 7 OCP/BD www.irf.com IRIS-W6754 Case Outline 10.00.2 0.5 gate burr 4.20.2 2.80.2 4 0.2 7.90.2 16.90.3 IRIS a b 2.60.1 3.2 R-end (5.4) 0.1 5 0.5 6-0.740.15 +0.2 6-0.65-0.1 a Type Number W6754 b Lot Number 1st letter The last digit of year 2nd letter Month 1 to 9 for Jan. to Sept., O for Oct. N for Nov. D for Dec. 3rd & 4th letter Day Arabic Numerals 5th letter : Registration Symbol Weight : Approx. 2.3g Dimensions in mm DWG.No. TG3A-2103 2.8 6xP1.270.15=7.620.15 0.45-0.1 +0.2 5.080.6 0.5 0.5 0.5 0.5 10.40.5 1) -R (2 12 34567 Material of Pin : Cu Treatment of Pin : Ni plating + solder dip Data and specifications subject to change without notice. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC FAX: (310) 252-7903 Visit us at www.irf.com for sales contact information. www.irf.com |
Price & Availability of IRIS-W6754 |